PART |
Description |
Maker |
TCD1304AP |
CCD LINEAR IMAGE SENSOR The TCD1252AP is a high sensitive and low dark current 3648 - elements linear image sensor.
|
TOSHIBA
|
S10227 |
CMOS linear image sensor Small plastic package CMOS image sensor
|
Hamamatsu Corporation
|
TCD2000P |
The TCD2000P is a high sensitive and low dark current 480 .elements color linear image sensor which includes CCD drive circuit, clamp circuit and sample & hold circuit. TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
|
Toshiba Semiconductor
|
S11108-15 |
CMOS linear image sensor
|
Hamamatsu Corporation
|
TH7834CNBSP TH7834C TH7834CCC-RB |
Very Highresolution Linear CCD Image Sensor (12000 Pixels) Very high resolution Linear CCD Image Sensor, 12000 Pixels
|
ATMEL Corporation
|
MN3610H |
2048-BIT HIGH-RESPONSIVITY CCD LINEAR IMAGE SENSOR
|
Panasonic Semiconductor
|
S10077 |
CMOS linear image sensor Digital output, built-in 8/10-bit AD converter, single power supply operation
|
Hamamatsu Photonics
|
S8378-256Q S8377 |
CMOS linear image sensor Built-in timing generator and signal processing circuit; single 5 V supply operation CMOS线性图像传感器内置定时发生器和信号处理电路;伏电源供
|
Hamamatsu Photonics K.K.
|
S5K711LA03 S5K711CA S5K711CA01 S5K711CA02 S5K711CA |
1/7" Optical Size 352x352(CIF) 3.3V/2.8V CMOS Image Sensor 1/7 CIF CMOS Image Sensor
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
CYIL1SC1300AA-GSC CYIL1SM1300AA-GDC |
1.3MPxl High Speed CMOS Image Sensor
|
Cypress Semiconductor
|